Electronic Components Datasheet Search
  English  ▼

X  

PHT6N03T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHT6N03T
Description  TrenchMOS transistor Standard level FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT6N03T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHT6N03T Datasheet HTML 2Page - NXP Semiconductors PHT6N03T Datasheet HTML 3Page - NXP Semiconductors PHT6N03T Datasheet HTML 4Page - NXP Semiconductors PHT6N03T Datasheet HTML 5Page - NXP Semiconductors PHT6N03T Datasheet HTML 6Page - NXP Semiconductors PHT6N03T Datasheet HTML 7Page - NXP Semiconductors PHT6N03T Datasheet HTML 8Page - NXP Semiconductors PHT6N03T Datasheet HTML 9Page - NXP Semiconductors PHT6N03T Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT6N03T
Standard level FET
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 5.9 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Normalised avalanche energy rating.
W
DSS% = f(Tmb); conditions: ID = 5.9 A
Fig.16. Avalanche energy test circuit.
Fig.17. Switching test circuit.
0
5
10
15
20
25
0
2
4
6
8
10
7830-30
QG / nC
VGS / V
VDS / V = 6
24
20
40
60
80
100
120
140
Tmb / C
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
0
0.5
1
1.5
2
0
10
20
30
40
50
60
7830-30
VSDS / V
IF / A
Tj / C = 150
25
L
T.U.T.
VDD
RGS
R 01
VDS
-ID/100
+
-
shunt
VGS
0
W
DSS = 0.5 ⋅ LID
2
⋅ BV
DSS/(BVDSS − VDD)
RD
T.U.T.
VDD
RG
VDS
+
-
VGS
0
November 1997
6
Rev 1.200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com