Electronic Components Datasheet Search
  English  ▼

X  

LR4102 Datasheet(PDF) 23 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 23 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 19Page - LSI Computer Systems LR4102 Datasheet HTML 20Page - LSI Computer Systems LR4102 Datasheet HTML 21Page - LSI Computer Systems LR4102 Datasheet HTML 22Page - LSI Computer Systems LR4102 Datasheet HTML 23Page - LSI Computer Systems LR4102 Datasheet HTML 24Page - LSI Computer Systems LR4102 Datasheet HTML 25Page - LSI Computer Systems LR4102 Datasheet HTML 26Page - LSI Computer Systems LR4102 Datasheet HTML 27Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TinyRISC LR4102 Microprocessor
23
Note:
there is no setup/hold time requirements for the interrupt
pins, INTP[5:0], because they are synchronized internally
within the LR4102.
Electrical Requirements
This section contains the electrical parameters for the TinyRISC LR4102
Microprocessor in the following tables:
• Table 15 lists the absolute maximum ratings
• Table 16 defines the recommended operating supply voltage and
temperature
• Table 17 shows the pin capacitance
• Table 18 lists the DC characteristics
Table 14
EZ4102 AC Output Timing with respect to rising edge of
DCLK1
Output Signal1
1.
With 65 pF load.
Min
Max
Units
PCST1[2:0]
−2.9
1.9
ns
TDO_TPC
−3.2
1.8
ns
TPC[4:2]
−3.2
2.0
ns
Table 15
Absolute Maximum Rating1
1. Exceeding these values may cause damage to the LR4102.
Symbol
Parameter
Limits
Unit
VDD/DD2
DC Supply Voltage2, core and oscillator
2. Referenced to VSS.
−0.3 to 3.1
V
VDD4
3.3 V DC Supply Voltage2, I/O
−0.3 to 3.9
V
VIN
3.3 V Drive Input Voltage2
−1.0 to V
DD4 + 0.3
V
TSTG
Storage Temperature Range (Plastic)
−40 to 125
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com