Electronic Components Datasheet Search
  English  ▼

X  

LR4102 Datasheet(PDF) 27 Page - LSI Computer Systems

Part # LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Datasheet(HTML) 27 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 23Page - LSI Computer Systems LR4102 Datasheet HTML 24Page - LSI Computer Systems LR4102 Datasheet HTML 25Page - LSI Computer Systems LR4102 Datasheet HTML 26Page - LSI Computer Systems LR4102 Datasheet HTML 27Page - LSI Computer Systems LR4102 Datasheet HTML 28Page - LSI Computer Systems LR4102 Datasheet HTML 29Page - LSI Computer Systems LR4102 Datasheet HTML 30Page - LSI Computer Systems LR4102 Datasheet HTML 31Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
TinyRISC LR4102 Microprocessor
27
ICERXP
SCHMITCUHO
Schmidt trigger input with pull-up
ICETXP
BT6LS
6 mA output buffer
IDDTN
IIDDTNLS
IDD test input buffer
INTP[5:0]
IBUFULS
Input buffer with pull-up
IRDYN
BD12CULS
12 mA Bi-directional buffer with pull-up
JTAGALSOP
IBUFULS
Input buffer with pull-up
PBCLKP
BT8LS
8 mA output buffer
PCST[12:10]
BD8CDLS
8 mA Bi-directional buffer with pull-
down
PLLENARSTP
IBUFLS
Input buffer
PLLENP
IBUFLS
Input buffer
PLLVDD1
PLLVDD
PLL Vdd
PLLVSS1
PLLVSS
PLL Vss
PMON_OUTP
PROCMONLS
PROCMON test output driver
REQN
IBUFULS
Input buffer with pull-up
RESET_OUTN
BT8LS
8 mA output buffer
RESETN
IBUFULS
Input buffer with pull-up
SCAN_ENABLEP
IBUFLS
Input buffer
SCAN_INP
IBUFLS
Input buffer
SCAN_MODEP
IBUFDLS
Input buffer with pull-down
SCAN_OUTP
BT8LS
8 mA output buffer
SCAN_RAMWEP
SCHMITCHO
Schmidt trigger input buffer
SD_CASN0_DMP0
BT12LS
12 mA output buffer
SD_CASN1_DMP1
BT12LS
12 mA output buffer
SD_CASN2_DMP2
BT12LS
12 mA output buffer
SD_CASN3_DMP3
BT12LS
12 mA output buffer
Table 20
I/O Driver Types (Cont.)
(Sheet 2 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com