Electronic Components Datasheet Search
  English  ▼

X  

AD9865BCPRL Datasheet(PDF) 36 Page - Analog Devices

Part # AD9865BCPRL
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCPRL Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9865BCPRL Datasheet HTML 32Page - Analog Devices AD9865BCPRL Datasheet HTML 33Page - Analog Devices AD9865BCPRL Datasheet HTML 34Page - Analog Devices AD9865BCPRL Datasheet HTML 35Page - Analog Devices AD9865BCPRL Datasheet HTML 36Page - Analog Devices AD9865BCPRL Datasheet HTML 37Page - Analog Devices AD9865BCPRL Datasheet HTML 38Page - Analog Devices AD9865BCPRL Datasheet HTML 39Page - Analog Devices AD9865BCPRL Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AD9865
Rev. A | Page 36 of 48
1.0V
TO
ADCs
REFT
REFB
C1
0.1
µF
C2
10
µF
C3
0.1
µF
C4
0.1
µF
C1
C4
C2
C3
TOP
VIEW
Figure 75. ADC Reference and Decoupling
The ADC has an internal voltage reference and reference ampli-
fier as shown in Figure 75. The internal band gap reference
generates a stable 1 V reference level that is converted to a dif-
ferential 1 V reference centered about mid-supply (AVDD/2).
The outputs of the differential reference amplifier are available
at the REFT and REFB pins and must be properly decoupled for
optimum performance. The REFT and REFB pins are conven-
iently situated at the corners of the CSP package such that C1
(0603 type) can be placed directly across its pins. C3 and C4 can
be placed underneath C1, and C2 (10 µF tantalum) can be
placed furthest from the package.
Table 21. SPI Registers for Rx ADC
Address (Hex)
Bit
Description
0x04
(5)
Duty cycle restore circuit
(4)
ADC clock from PLL
0x07
(4)
ADC low power mode
0x13
(2:0)
ADC power bias adjust
AGC TIMING CONSIDERATIONS
When implementing a digital AGC timing loop, it is important
to consider the Rx path latency and settling time of the Rx path
in response to a change in gain setting. Figure 21 and Figure 24
show the RxPGA’s settling response to a 60 dB and 5 dB change
in gain setting when using the Tx[5:0] or PGA[5:0] port. While
the RxPGA settling time may also show a slight dependency on
the LPF’s cut-off frequency, the ADC’s pipeline delay along with
the ADIO bus interface presents a more significant delay. The
amount of delay or latency is dependent on whether a half-or
full-duplex is selected. An impulse response at the RxPGA’s
input can be observed after 10.0 ADC clock cycles (1/fADC) in
the case of a half-duplex interface, and 10.5 ADC clock cycles in
the case of a full-duplex interface. This latency, along with the
RxPGA settling time, should be considered to ensure stability of
the AGC loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com