Electronic Components Datasheet Search
  English  ▼

X  

AD9865BCPRL Datasheet(PDF) 17 Page - Analog Devices

Part # AD9865BCPRL
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCPRL Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9865BCPRL Datasheet HTML 13Page - Analog Devices AD9865BCPRL Datasheet HTML 14Page - Analog Devices AD9865BCPRL Datasheet HTML 15Page - Analog Devices AD9865BCPRL Datasheet HTML 16Page - Analog Devices AD9865BCPRL Datasheet HTML 17Page - Analog Devices AD9865BCPRL Datasheet HTML 18Page - Analog Devices AD9865BCPRL Datasheet HTML 19Page - Analog Devices AD9865BCPRL Datasheet HTML 20Page - Analog Devices AD9865BCPRL Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
AD9865
Rev. A | Page 17 of 48
FREQUENCY (MHz)
0
5
10
15
20
25
–20
–30
–40
–50
–60
–70
–80
–90
–100
PAR = 11.4
RMS = –1.4dBm
Figure 33. Spectral Plot of 84-Carrier OFDM Test Vector
(fDATA = 50 MSPS, 4× Interpolation)
FREQUENCY (MHz)
0
25
50
75
100
125
150
175
200
–20
–30
–40
–50
–60
–70
–80
–90
–100
PAR = 11.4
RMS = –1.4dBm
Figure 34. Wideband Spectral Plot of 88-Subcarrier OFDM Test Vector
(fDATA = 50 MSPS, 4× Interpolation)
AOUT (dBFS)
–24
–21
–18
–15
–12
–9
–6
–3
0
100
55
60
65
70
75
80
85
90
95
2-TONE IMD
SNR
Figure 35. SNR and SFDR vs. POUT
(fOUT = 12.55 MHz, fDATA = 50 MSPS, 4× Interpolation)
FREQUENCY (MHz)
0
5
10
15
20
25
30
35
40
–20
–100
–90
–80
–70
–60
–50
–40
–30
PAR = 11.4
RMS = –1.4dBm
Figure 36. Spectral Plot of 111-Carrier OFDM Test Vector
(fDATA = 80 MSPS, 2× Interpolation)
FREQUENCY (MHz)
0
20
40
60
80
100
120
140
160
–20
–100
–90
–80
–70
–60
–50
–40
–30
PAR = 11.4
RMS = –1.4dBm
Figure 37. Wideband Spectral Plot of 111-Carrier OFDM Test Vector
(fDATA = 80 MSPS, 2× Interpolation)
AOUT (dBFS)
–24
–21
–18
–15
–12
–9
–6
–3
0
95
55
60
65
70
75
80
85
90
SNR
2-TONE IMD
Figure 38. SNR and SFDR vs. POUT
(fOUT = 20 MHz, fDATA = 80 MSPS, 2× Interpolation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com