Electronic Components Datasheet Search
  English  ▼

X  

AD9865BCPRL Datasheet(PDF) 26 Page - Analog Devices

Part # AD9865BCPRL
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCPRL Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9865BCPRL Datasheet HTML 22Page - Analog Devices AD9865BCPRL Datasheet HTML 23Page - Analog Devices AD9865BCPRL Datasheet HTML 24Page - Analog Devices AD9865BCPRL Datasheet HTML 25Page - Analog Devices AD9865BCPRL Datasheet HTML 26Page - Analog Devices AD9865BCPRL Datasheet HTML 27Page - Analog Devices AD9865BCPRL Datasheet HTML 28Page - Analog Devices AD9865BCPRL Datasheet HTML 29Page - Analog Devices AD9865BCPRL Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
AD9865
Rev. A | Page 26 of 48
6-BIT DIGITAL WORD-DECIMAL EQUIVALENT
0
48
24
60
66
–12
–6
0
6
12
18
24
30
36
42
54
42
48
30
36
612
18
Figure 56. Digital Gain Mapping of RxPGA
Table 15. SPI Registers RxPGA Control
Address
(Hex)
Bit
Description
0x09
(6)
Enable RxPGA update via SPI
(5:0)
RxPGA gain code
0x0B
(6)
Select TxPGA via PGA[5:0]
(5)
Select RxPGA via PGA[5:0]
(3)
Enable software GAIN strobe – Full-duplex
(2)
Enable RxPGA update via Tx[5:0] – Full-duplex
(1)
3-bit RxPGA gain mapping – Half-duplex
The RxPGA gain register can be updated via the Tx[5:0] port,
the PGA[5:0] port, or the SPI port. The first two methods allow
fast updates of the RxPGA gain register and should be
considered for digital AGC functions requiring a fast closed-
loop response. The SPI port allows direct update and readback
of the RxPGA gain register via Register 0x09 with an update
rate limited to 1.6 MSPS (with SCLK = 32 MHz). Note that Bit 6
of Register 0x09 must be set for a read or write operation.
Updating the RxPGA via the Tx[5:0] port is an option only in
full-duplex mode1. In this case, a high level on the GAIN pin,2
with TXSYNC low, programs the PGA setting on either the
rising edge or falling edge of RXCLK, as shown in Figure 57.
The GAIN pin must be held high, TXSYNC must be held low,
and GAIN data must be stable for one or more clock cycles to
update the RxPGA gain setting.
A low level on the GAIN pin enables data to be fed to the digital
interpolation filter. This interface should be considered when
upgrading existing designs from the AD9875/AD9876 MxFE
products or half-duplex applications trying to minimize an
ASIC’s pin count.
t
SU
RXCLK
Tx SYNC
Tx [5:0]
t
HD
GAIN
GAIN
Figure 57. Updating RxPGA via Tx[5:0] in Full-Duplex Mode
Updating the RxPGA (or TxPGA) via the PGA[5:0] port is an
option for both the half-duplex3 and full-duplex interface. The
PGA port consists of an input buffer that passes the 6-bit data
appearing at its input directly to the RxPGA (or TxPGA) gain
register with no gating signal required. Bit 5 or Bit 6 of
Register 0x0B is used to select whether the data updates the
RxPGA or TxPGA gain register. In applications that switch
between RxPGA and TxPGA gain control via PGA[5:0], be
careful that the RxPGA (or TxPGA) is not inadvertently loaded
with the wrong data during a transition. In the case of an
RxPGA to TxPGA transition, first deselect the RxPGA gain
register, update the PGA[5:0] port with the desired TxPGA gain
setting, and then select the TxPGA gain register.
The RxPGA also offers an alternative 3-bit word gain mapping
option4 that provides a −12 dB to +36 dB span in 8 dB increments
as shown in Table 16. The 3-bit word is directed to PGA[5:3]
with PGA[5] being the MSB. This feature is backward-compatible
with the AD9975 MxFE and allows direct interfacing to the
CX11647 or INT5130 HomePlug 1.0 PHYs.
Table 16. PGA Timing for AD9975 Backward-Compatible
Mode
Digital Gain Setting
PGA[5:3]
Decimal
Gain (dB)
000
0
−12
001
1
−12
010
2
−4
011
3
4
100
4
12
101
5
20
110
6
28
111
7
36
1 Default setting for full-duplex mode (MODE = 1).
2 The GAIN strobe can also be set in software via Reg. 0x0B, Bit 3 for
continuous updating. This eliminates the requirement for external GAIN
signal, reducing the ASIC pin count by 1.
3 Default setting for half-duplex mode (MODE = 0).
4 Default setting for MODE = 0 and CONFIG =1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com