Electronic Components Datasheet Search
  English  ▼

X  

RF2370 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2370
Description  3V LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2370 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2370 Datasheet HTML 1Page - RF Micro Devices RF2370 Datasheet HTML 2Page - RF Micro Devices RF2370 Datasheet HTML 3Page - RF Micro Devices RF2370 Datasheet HTML 4Page - RF Micro Devices RF2370 Datasheet HTML 5Page - RF Micro Devices RF2370 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1-3
RF2370
Rev A4 050727
Pin
Function
Description
Interface Schematic
1BIAS
For low noise amplifier applications, this pin is used to control the bias
current. An external resistor can be used to set the bias current for any
VBIAS voltage.
2GND1
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3RF IN
RF input pin. This part is designed such that 50
Ω is the optimal source
impedance for best noise figure. Best noise figure is achieved with only
a series capacitor on the input.
4RF OUT
Amplifier output pin. This pin is an open-collector output. It must be
biased to VCC through a choke or matching inductor. This pin is
matched to 50
Ω with a shunt L, series L topology enhances to stability
of the device by reducing the high frequency gain above 6GHz.
5GND2
See GND1.
6
GAIN
SELECT
This pin selects high gain and bypass modes.
Gain Select<0.8V, high gain.
Gain Select>1.8V, low gain.
A series resistor of 100
Ω is required on this pin to enhance stability.
VBIAS
RF IN
RF OUT
To Bias
Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com