Electronic Components Datasheet Search
  English  ▼

X  

RF2370 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2370
Description  3V LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2370 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2370 Datasheet HTML 1Page - RF Micro Devices RF2370 Datasheet HTML 2Page - RF Micro Devices RF2370 Datasheet HTML 3Page - RF Micro Devices RF2370 Datasheet HTML 4Page - RF Micro Devices RF2370 Datasheet HTML 5Page - RF Micro Devices RF2370 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
RF IN
GND1
BIAS
RF OUT
GND2
GAIN SELECT
Logic
Control
1
2
3
6
5
4
RF2370
3V LOW NOISE AMPLIFIER
• WLAN LNA with Bypass Feature
• CDMA PCS LNA with Bypass Feature
• MMDS LNA with Bypass Feature
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2370 is a switchable low noise amplifier with a
very high dynamic range designed for digital cellular and
WLAN applications. The device functions as an outstand-
ing front end low noise amplifier. The bias current may be
set externally. The IC is featured in a standard SOT
6-lead plastic package.
• Low Noise and High Intercept Point
• Adjustable Bias Current
• Power Down Control
• Low Insertion Loss Bypass Feature
• 1.8V to 5V Operation (See Note: Page 2)
• 1.5GHz to 3.8GHz Operation
RF2370
3V Low Noise Amplifier
RF2370PCBA-410 Fully Assembled Evaluation Board (WLAN) usable
from 1.9GHz to 4GHz with standard tune
4
Rev A4 050727
0.10
MAX.
0.90
0.70
1.30
1.00
1.90
3.10
2.70
0.50
0.35
3.00
2.60
1.80
1.40
9°
1°
0.25
0.10
0.37 MIN.
Shaded lead is pin 1.
Dimensions in mm.
*When Pin 1 is in upper left,
text reads downward
(as shown).
Package Style: SOT 6-Lead
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2370

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2370 RFMD-RF2370 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370PCBA-410 RFMD-RF2370PCBA-410 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_11 Datasheet
654Kb / 11P
3V LOW NOISE AMPLIFIER
More results

Similar Description - RF2370

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
3V LOW NOISE AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2374 RFMD-RF2374 Datasheet
159Kb / 8P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_11 Datasheet
654Kb / 11P
3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com