Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0111 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0111
Description  1.25 W VSAT Power Amplifier 13.75-14.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0111 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0111 Datasheet HTML 1Page - Tyco Electronics MAAPSS0111 Datasheet HTML 2Page - Tyco Electronics MAAPSS0111 Datasheet HTML 3Page - Tyco Electronics MAAPSS0111 Datasheet HTML 4Page - Tyco Electronics MAAPSS0111 Datasheet HTML 5Page - Tyco Electronics MAAPSS0111 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.25 W VSAT Power Amplifier
13.75—14.5 GHz
MAAPSS0111
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2P
1
RoHS
Compliant
Features
• Saturated Output Power: 31 dBm Typical
• High Linear Gain: 34 dB Typical
• High Power Added Efficiency: 31 % at P
SAT
• 50 Ω Input / Output Match
• Lead-Free 6 mm 28-lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAPSS0111 is a four
stage MMIC power
amplifier designed specifically for Ku-Band VSAT
applications. It can be used as either a driver or an
output stage amplifier.
The MAAPSS0111 is fully
matched input and output to 50 ohms which
eliminates
any
sensitive
external
RF
tuning
components. The device is packaged in a lead free
6 mm 28-lead PQFN leadless package for high
volume manufacturing.
The MAAPSS0111 is fabricated using a high
reliability self-aligned gate MESFET process, MSAG,
to realize good power added efficiency and gain.
The MSAG process features full passivation for high
performance and reliability.
Ordering Information
1
Part Number
Package
MAAPSS0111TR-3000
13 inch, 3000 piece reel
MAAPSS0111SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Schematic
DC Pin
Function
DC Pin
Function
1
GND
15
GND
2
GND
16
GND
3
RFIN
17
GND
4
RFIN
18
RFOUT
5
GND
19
RFOUT
6
GND
20
GND
7
GND
21
GND
8
VGG
22
GND
9
GND
23
GND
10
GND
24
GND
11
GND
25
VDD
12
GND
26
GND
13
GND
27
GND
14
GND
28
GND
29
Paddle
2
Pin Configuration
2. The exposed pad centered on the package bottom must
be connected to RF and DC ground.
This PRELIMINARY Data Sheet contains information regarding a product M/A-COM has under development. Performance is based
on measured results and target specifications. Commitment to produce in volume is not guaranteed.


Similar Part No. - MAAPSS0111

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0113 MACOM-MAAPSS0113 Datasheet
304Kb / 7P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0113SMB MACOM-MAAPSS0113SMB Datasheet
304Kb / 7P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0113TR-3000 MACOM-MAAPSS0113TR-3000 Datasheet
304Kb / 7P
DECT Power Amplifier 1880 - 1930 MHz
More results

Similar Description - MAAPSS0111

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
Transcom, Inc.
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
13.75 - 14.5 GHz 0.5 W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
13.75 - 14.5 GHz 1 W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2 W MMIC
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
AM42-0041 MA-COM-AM42-0041 Datasheet
143Kb / 4P
GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
logo
Cree, Inc
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
Rev 0.0
CMPA1D1E080F CREE-CMPA1D1E080F Datasheet
1Mb / 11P
80 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com