Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0111 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPSS0111
Description  1.25 W VSAT Power Amplifier 13.75-14.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0111 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPSS0111 Datasheet HTML 1Page - Tyco Electronics MAAPSS0111 Datasheet HTML 2Page - Tyco Electronics MAAPSS0111 Datasheet HTML 3Page - Tyco Electronics MAAPSS0111 Datasheet HTML 4Page - Tyco Electronics MAAPSS0111 Datasheet HTML 5Page - Tyco Electronics MAAPSS0111 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.25 W VSAT Power Amplifier
13.75—14.5 GHz
MAAPSS0111
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2P
3
RoHS
Compliant
Notes on board design:
1.
A low loss dielectric material such as Rogers 4003, er = 3.38, is recommended for this application.
2.
A substrate thickness of 20 mils (0.508 mm) maximum is recommended to minimize thermal resistance and
ground impedances.
3.
RF transmission line impedance must be 50 ohms (w = 42 mils (1.0668 mm) for t = 20 mils (0.508 mm),
Rogers 4003).
4.
The board must provide low thermal resistance from package base to heat sink to accommodate the 3 W
typical power dissipation.
5.
Metal foil thickness in the vias is critical to thermal resistance. The recommended metalization is 1 oz
(35 mm minimum thickness).
6.
The application board is configured with 36 vias, each 12 mil (0.3048 mm) in diameter beneath the package
base. Conductive via fill material is recommended to minimize thermal resistance and to prevent solder from
wicking into vias.
7.
The exposed package pad must be properly soldered to the board.
8.
Case temperature is measured at the interface between the package bottom and circuit board.
Evaluation Test Board
Designator
Value
Foot Print
C1, C10
1 uF
0402
C2, C9
10 pF
0402
C3, C8
10 uF
0804
C4, C7
0.1 uF
0402
C5, C6
100 pF
0402
External Parts List
Cross Section View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com