Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0111 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAPSS0111
Description  1.25 W VSAT Power Amplifier 13.75-14.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0111 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAPSS0111 Datasheet HTML 1Page - Tyco Electronics MAAPSS0111 Datasheet HTML 2Page - Tyco Electronics MAAPSS0111 Datasheet HTML 3Page - Tyco Electronics MAAPSS0111 Datasheet HTML 4Page - Tyco Electronics MAAPSS0111 Datasheet HTML 5Page - Tyco Electronics MAAPSS0111 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.25 W VSAT Power Amplifier
13.75—14.5 GHz
MAAPSS0111
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2P
5
RoHS
Compliant
Typical Performance Curves: VDD = 8 V, IDQ = 400 mA, TA = 40 °C, Z0 = 50 Ω
Pout, Gain, PAE vs. PIN @ 14.25 GHz
22
24
26
28
30
32
34
36
38
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
Pout
Gain
PAE
P
IN
(dBm)
Gate Current vs. POUT
PDISS, IDD vs. Pout @ 14.25 GHz
PDISS vs. Max. Case Temperature
PSAT vs. Frequency, PIN = 4 dBm
20
22
24
26
28
30
32
34
13.5
13.7
13.9
14.1
14.2
14.4
14.6
14.8
15.0
-40 C
40 C
85 C
Frequency (GHz)
-0.0001
0
0.0001
0.0002
0.0003
0.0004
0.0005
0.0006
0.0007
0.0008
0.0009
24
25
26
27
28
29
30
31
32
P
OUT
(dBm)
2
3
4
5
6
7
8
20
30
40
50
60
70
80
90
100
Max. Case Temp. T
C
(
ºC)
P
DISS
= V
DD
* I
DD
- P
OUT
2.0
2.4
2.8
3.2
3.6
4.0
0.30
0.35
0.40
0.45
0.50
0.55
22
23
24
25
26
27
28
29
30
31
32
Pdiss
Idd
P
OUT
(dBm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com