Electronic Components Datasheet Search
  English  ▼

X  

PLB16030U Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PLB16030U
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLB16030U Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PLB16030U Datasheet HTML 2Page - NXP Semiconductors PLB16030U Datasheet HTML 3Page - NXP Semiconductors PLB16030U Datasheet HTML 4Page - NXP Semiconductors PLB16030U Datasheet HTML 5Page - NXP Semiconductors PLB16030U Datasheet HTML 6Page - NXP Semiconductors PLB16030U Datasheet HTML 7Page - NXP Semiconductors PLB16030U Datasheet HTML 8Page - NXP Semiconductors PLB16030U Datasheet HTML 9Page - NXP Semiconductors PLB16030U Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Feb 18
6
Philips Semiconductors
Product specification
NPN microwave power transistor
PLB16030U
Fig.5 Input impedance as a function of frequency; typical values.
VCC = 28 V; Zo =10 Ω; PO =30W.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
Z i
MCD396 - 1
1.4 GHz
1.8 GHz
1.6 GHz
0.5
1
0.2
10
5
2
Fig.6 Optimum load impedance as a function of frequency; typical values.
VCC = 28 V; Zo =10 Ω; PO =30W.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
1.6 GHz
Z L
MCD397 - 1
1.8 GHz
0.5
1
0.2
10
5
2
1.4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com