Electronic Components Datasheet Search
  English  ▼

X  

PLB16030U Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PLB16030U
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLB16030U Datasheet(HTML) 3 Page - NXP Semiconductors

  PLB16030U Datasheet HTML 1Page - NXP Semiconductors PLB16030U Datasheet HTML 2Page - NXP Semiconductors PLB16030U Datasheet HTML 3Page - NXP Semiconductors PLB16030U Datasheet HTML 4Page - NXP Semiconductors PLB16030U Datasheet HTML 5Page - NXP Semiconductors PLB16030U Datasheet HTML 6Page - NXP Semiconductors PLB16030U Datasheet HTML 7Page - NXP Semiconductors PLB16030U Datasheet HTML 8Page - NXP Semiconductors PLB16030U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Feb 18
3
Philips Semiconductors
Product specification
NPN microwave power transistor
PLB16030U
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Up to 0.3 mm from ceramic.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
45
V
VCEO
collector-emitter voltage
open base
−
15
V
VCES
collector-emitter voltage
RBE =0 Ω−
40
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
−
2.6
A
Ptot
total power dissipation
Tmb =75 °C
−
40
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
200
°C
Tsld
soldering temperature
t
≤ 10 s; note 1
−
235
°C
Fig.2
Maximum power dissipation derating as a
function of mounting base temperature.
Ptot max =40W.
handbook, halfpage
200
MCD394
60
−50
40
20
50
100
Tmb (
oC)
0
0
Ptot
(W)
150
Fig.3 Load power as a function of source power.
VCC = 28 V; f = 1.6 GHz.
handbook, halfpage
02
4
PL
(W)
8
40
30
10
0
20
MCD395
6
PSOURCE (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com