Electronic Components Datasheet Search
  English  ▼

X  

PLB16030U Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLB16030U
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLB16030U Datasheet(HTML) 2 Page - NXP Semiconductors

  PLB16030U Datasheet HTML 1Page - NXP Semiconductors PLB16030U Datasheet HTML 2Page - NXP Semiconductors PLB16030U Datasheet HTML 3Page - NXP Semiconductors PLB16030U Datasheet HTML 4Page - NXP Semiconductors PLB16030U Datasheet HTML 5Page - NXP Semiconductors PLB16030U Datasheet HTML 6Page - NXP Semiconductors PLB16030U Datasheet HTML 7Page - NXP Semiconductors PLB16030U Datasheet HTML 8Page - NXP Semiconductors PLB16030U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Feb 18
2
Philips Semiconductors
Product specification
NPN microwave power transistor
PLB16030U
FEATURES
• Input and output matching cell
allows an easier design of circuits
• Diffused emitter ballasting resistors
providing excellent current sharing
and withstanding a high VSWR
• Interdigitated structure provides
high emitter efficiency
• Gold metallization realizes very
stable characteristics and excellent
lifetime
• Multicell geometry gives good
balance of dissipated power and
low thermal resistance.
APPLICATIONS
Common base class B power
amplifiers at 1.6 GHz. Also suitable
for operation in the frequency range
1.4 to 1.8 GHz.
DESCRIPTION
NPN silicon planar epitaxial
microwave power transistor in a
SOT437A glued cap metal ceramic
flange package with base connected
to flange.
QUICK REFERENCE DATA
Microwave performance up to Tmb =25 °C in a common base class B
narrowband amplifier.
MODE OF
OPERATION
f
(GHz)
VCC
(V)
PL
(W)
Gp
(dB)
ηC
(%)
Zi; ZL
(
Ω)
Class B (CW)
1.6
28
>30
>7
>45
see Figs 5
and 6
PINNING - SOT437A
PIN
DESCRIPTION
1
collector
2
emitter
3
base connected to flange
Fig.1 Simplified outline and symbol.
handbook, 4 columns
1
2
3
Top view
e
c
b
MAM112
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO slab is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com