| Electronic Components Datasheet Search |
|
PLC18V8Z Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PLC18V8Z Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 23 page ![]() Philips Semiconductors Product specification PLC18V8Z Zero standby power CMOS versatile PAL devices 1997 Aug 08 6 OUTPUT MACRO CELL (OMC) OE MUX 1 11 CLK Q OE D F 00 11 10 01 OUT MUX 10 00 01 11 F MUX 00 10 11 01 VCC OUTPUT POLARITY CONTROL FROM AND ARRAY S X(n) DIRECTION CONTROL TERM TO ALL OMCs TO ALL OMCs { AC1n AC2n NOTE: Denotes a programmable cell location. FROM AND ARRAY SP00014 THE OUTPUT MACRO CELL (OMC) The PLC18V8Z series devices have 8 individually programmable Output Macro Cells. The 72 AND inputs (or product terms) from the programmable AND array are connected to the 8 OMCs in groups of 9. Eight of the AND terms are dedicated to logic functions; the ninth is for asynchronous direction control, which enables/disables the respective bidirectional I/O pin. Two product terms are dedicated for the Synchronous Preset and Asynchronous Reset functions. Each OMC can be independently programmed via 16 architecture control bits, AC1n and AC2n (one pair per macro cell). Similarly, each OMC has a programmable output polarity control bit (Xn). By configuring the pair of architecture control bits according to the configuration cell table, 4 different configurations may be implemented. Note that the configuration cell is automatically programmed based on the OMC configuration. DESIGN SECURITY The PLC18V8Z series devices have a programmable security fuse that controls the access to the data programmed in the device. By using this programmable feature, proprietary designs implemented in the device cannot be copied or retrieved. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |