Electronic Components Datasheet Search
  English  ▼

X  

PLC18V8Z Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PLC18V8Z
Description  Zero standby power CMOS versatile PAL devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLC18V8Z Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PLC18V8Z Datasheet HTML 3Page - NXP Semiconductors PLC18V8Z Datasheet HTML 4Page - NXP Semiconductors PLC18V8Z Datasheet HTML 5Page - NXP Semiconductors PLC18V8Z Datasheet HTML 6Page - NXP Semiconductors PLC18V8Z Datasheet HTML 7Page - NXP Semiconductors PLC18V8Z Datasheet HTML 8Page - NXP Semiconductors PLC18V8Z Datasheet HTML 9Page - NXP Semiconductors PLC18V8Z Datasheet HTML 10Page - NXP Semiconductors PLC18V8Z Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Philips Semiconductors
Product specification
PLC18V8Z
Zero standby power
CMOS versatile PAL devices
1997 Aug 08
7
CONFIGURATION CELL
A single configuration cell controls the functions of Pins 1 and 11.
Refer to Functional Diagram. When the configuration cell is
programmed, Pin 1 is a dedicated clock and Pin 11 is dedicated for
output enable. When the configuration cell is unprogrammed, Pins 1
and 11 are both dedicated inputs. Note that the output enable for all
registered OMCs is common—from Pin 11 only. Output enable
control of the bidirectional I/O OMCs is provided from the AND array
via the direction product term.
If any one OMC is configured as registered, the configuration cell
will be automatically configured (via the design software) to ensure
that the clock and output enable functions are enabled on Pins 1
and 11, respectively. If none of the OMCs are registered, the
configuration cell will be programmed such that Pins 1 and 11 are
dedicated inputs. The programming codes are as follows:
Pin 1 = CLK, Pin 11 = OE
L
Pin 1 and Pin 11 = Input
H
CONTROL CELL CONFIGURATIONS
FUNCTION
AC11
AC2N
CONFIG. CELL
COMMENTS
Registered mode
Programmed
Programmed
Programmed
Dedicated clock from Pin 1. OE Control
for all registerd OMCs from Pin 11 only.
Bidirectional I/O mode1
Unprogrammed
Unprogrammed
Unprogrammed
Pins 1 and 11 are dedicated inputs.
3-State control from AND array only.
Fixed input mode
Unprogrammed
Programmed
Unprogrammed
Pins 1 and 11 are dedicated inputs.
Fixed output mode
Programmed
Unprogrammed
Unprogrammed
Pins 1 and 11 are dedicated inputs. The
feedback path (via FMUX) is disabled.
NOTE:
1. This is the virgin state as shipped from the factory.
ARCHITECTURE CONTROL—AC1 and AC2
I
CODE
D
OMC CONFIGURATION
REGISTERED (D–TYPE)
1
11
S
CLK
F(D), F (D)
Q
OE
S
F(B), F (B)
DIR
CODE
B
OMC CONFIGURATION
CODE
O
OMC CONFIGURATION
FIXED OUTPUT
CODE
CONFIGURATION CELL
CODE
L
CONFIGURATION CELL
CODE
OMC CONFIGURATION
FIXED INPUT
BIDIRECTIONAL I/O1
(COMBINATORIAL)
PIN 1 = CLK
PIN 11 = OE
H6
PIN 1 = INPUT
PIN 11 = INPUT
S
F(O), F (O)
F (I)
F(D), F (D)
11
1
CLK Q
OE
11
1
CLK
Q
OE
NC
NC
SP
AR
SP
AR
SP
AR
SP00015
NOTES:
A factory shipped unprogrammed device is configured such that:
1. This is the initial unprogrammed state. All cells are in a conductive state.
2. All AND gates are pulled to a logic “0” (Low).
3. Output polarity is inverting.
4. Pins 1 and 11 are configured as inputs 0 and 9. The clock and OE functions are disabled.
5. All Output Macro Cells (OMCs) are configured as bidirectional I/O, with the outputs disabled via the direction term.
6. This configuration cannot be used if any OMCs are configured as registered (Code = D).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com