Electronic Components Datasheet Search
  English  ▼

X  

PLC18V8Z Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PLC18V8Z
Description  Zero standby power CMOS versatile PAL devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLC18V8Z Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PLC18V8Z Datasheet HTML 5Page - NXP Semiconductors PLC18V8Z Datasheet HTML 6Page - NXP Semiconductors PLC18V8Z Datasheet HTML 7Page - NXP Semiconductors PLC18V8Z Datasheet HTML 8Page - NXP Semiconductors PLC18V8Z Datasheet HTML 9Page - NXP Semiconductors PLC18V8Z Datasheet HTML 10Page - NXP Semiconductors PLC18V8Z Datasheet HTML 11Page - NXP Semiconductors PLC18V8Z Datasheet HTML 12Page - NXP Semiconductors PLC18V8Z Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Philips Semiconductors
Product specification
PLC18V8Z
Zero standby power
CMOS versatile PAL devices
1997 Aug 08
9
DC ELECTRICAL CHARACTERISTICS
Commercial = 0
°≤C ≤ Tamb ≤ +75°C, 4.75V ≤ VCC ≤ 5.25V;
Industrial = –40
°C ≤ Tamb ≤ +85°C, 4.5V ≤ VCC ≤ 5.5V
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP1
MAX
UNIT
Input voltage
VIL
Low
VCC = MIN
–0.3
0.8
V
VIH
High
VCC = MAX
2.0
VCC + 0.3
V
Output voltage2
VOL
Low
VCC = MIN, IOL = 20µA
0.100
V
VOL
Low
VCC = MIN, IOL = 24mA
0.500
V
VOH
High
VCC = MIN, IOH = –3.2mA
2.4
V
VOH
High
VCC = MIN, IOH = –20µA
VCC – 0.1V
V
Input current
IIL
Low7
VIN = GND
–10
µA
IIH
High
VIN = VCC
10
µA
Output current
IO(OFF)
Hi-Z state
VOUT = VCC
10
µA
IO(OFF)
Hi-Z state
VOUT = GND
–10
µA
IOS
Short-circuit3
VOUT = GND
–130
mA
ICC
VCC supply current (Standby)
VCC = MAX, VIN = 0 or VCC8
20
100
µA
ICC/f
VCC supply current (Active)4
VCC = MAX (CMOS inputs)5, 6
1.5
mA/MHz
Capacitance
CI
Input
VCC = 5V, VIN = 2.0V
12
pF
CB
I/O
VB = 2.0V
15
pF
f(MHz)
45
30
15
0
0
6
12
18
24
30
100
µA
SP00018
Figure 1. ICC vs Frequency5, 6
(Worst Case)
6
5
4
3
2
1
0
–1
–2
0
20 40 60 80 100 120 140 160 180 200
OUTPUT CAPACITANCE LOADING (pF)
SP00019
Figure 2.
∆tPD vs Output Capacitance
Loading (Typical)
NOTES:
1. All typical values are at VCC = 5V, Tamb = +25°C.
2. All voltage values are with respect to network ground terminal.
3. Duration of short-circuit should not exceed one second. Test one at a time.
4. Tested with TTL input levels: VIL = 0.45V, VIH = 2.4V. Measured with all outputs switching.
5.
∆ICC/TTL input = 2mA.
6.
∆ICC vs frequency (registered configuration) = 2mA/MHz.
7. IIL for Pin 1 (I0/CLK) is ± 10µA with VIN = 0.4V.
8. VIN includes CLK and OE if applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com