Electronic Components Datasheet Search
  English  ▼

X  

AP622 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AP622
Description  UMTS-band 4W HBT Amplifier Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP622 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AP622 Datasheet HTML 1Page - WJ Communication. Inc. AP622 Datasheet HTML 2Page - WJ Communication. Inc. AP622 Datasheet HTML 3Page - WJ Communication. Inc. AP622 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 4 March 2007
AP622
UMTS-band 4W HBT Amplifier Module
Evaluation Board Bias Procedure
The following bias procedure is recommended to ensure proper functionality of AP622 in a laboratory environment. The sequencing is not
required in the final system application.
28V
28V
GND
5V
Turn-on Sequence:
1.
Attach input and output loads onto the evaluation board.
2.
Turn on power supply Vcc = +28V.
3.
Turn on power supply Vpd = +5V.
4.
Turn on RF power.
Turn-off Sequence:
1.
Turn off RF power.
2.
Turn off power supply Vpd = +5V.
3.
Turn off power supply Vcc = +28V.
Notes:
1.
Vpd is used as a reference for the internal active bias circuitry. It can be used to turn on/off the amplifier.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com