Electronic Components Datasheet Search
  English  ▼

X  

AP622 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # AP622
Description  UMTS-band 4W HBT Amplifier Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP622 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  AP622 Datasheet HTML 1Page - WJ Communication. Inc. AP622 Datasheet HTML 2Page - WJ Communication. Inc. AP622 Datasheet HTML 3Page - WJ Communication. Inc. AP622 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 4 March 2007
AP622
UMTS-band 4W HBT Amplifier Module
Product Features
• 2.11 – 2.17 GHz
• 28 dB Gain
• -55 dBc ACLR @ +23 dBm Pavg
• +35 dBm P1dB
• +28 V Supply
• Power Down Mode
• RoHS-compliant flange-mount pkg
Applications
• WCDMA Power Amplifiers
• Repeaters
Product Description
The AP622 power amplifier module is a two-stage power
amplifier module that operates over the frequency range of
2110 – 2170 MHz and is housed in a small, RoHS-
compliant,
flange-mount
package.
The
multi-stage
amplifier module has a 28 dB gain, P1dB of 35dBm, and
ACLR of –55dBc at +23 dBm output power for WCDMA
applications.
The AP622 uses a +28V high reliability InGaP/GaAs HBT
process technology and does not require any external
matching components. The amplifier module operates off a
+28V supply; an internal active bias allows the amplifier to
maintain high linearity over temperature. It has the added
feature of a +5V power down control pin.
A low-cost
metal housing allows the device to have a low thermal
resistance to ensure long lifetimes. All devices are 100%
RF and DC tested.
The AP622 is targeted for use as a driver stage amplifier in
wireless infrastructure where high linearity and high power
is required.
This combination makes the device an
excellent candidate for next generation multi-carrier 3G
base stations.
Functional Diagram
Top View
Pin No.
Function
1
RF Output
2 / 4
Vcc
3 / 5
Vpd
6
RF Input
Case
Ground
Specifications
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB @ 0.01% Probability, 3.84 MHz BW, Vcc = +28V, Icq = 120 mA
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
2110 - 2170
Output Channel Power
dBm
+23
Power Gain
dB
28
ACLR
dBc
-55
Operating Current, Icc
mA
135
Collector Efficiency
%
5
Output P1dB
dBm
+35
Quiescent Current, Icq
mA
120
Vpd
V
+5
Vcc
V
+28
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85 °C
Storage Temperature
-55 to +150 °C
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
AP622
PCS-band 4W HBT Amplifier Module
1
2
3
4
5
6


Similar Part No. - AP622

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP62200 DIODES-AP62200 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200T DIODES-AP62200T Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200TWU-7 DIODES-AP62200TWU-7 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200WU-7 DIODES-AP62200WU-7 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP62200Z6-7 DIODES-AP62200Z6-7 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
More results

Similar Description - AP622

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
Tri-Band HBT Power Amplifier Module
logo
List of Unclassifed Man...
AP504 ETC1-AP504 Datasheet
324Kb / 5P
DCS-band 4W HBT Amplifier Module
logo
WJ Communication. Inc.
AP501 WJCI-AP501 Datasheet
380Kb / 5P
PCS-band 4W HBT Amplifier Module
AP502 WJCI-AP502 Datasheet
389Kb / 5P
UMTS-band 4W HBT Amplifier Module
AP503 WJCI-AP503 Datasheet
321Kb / 5P
DCS-band 4W HBT Amplifier Module
AP512 WJCI-AP512 Datasheet
267Kb / 5P
UMTS-band 8W HBT Amplifier Module
AP513 WJCI-AP513 Datasheet
311Kb / 5P
DCS-band 8W HBT Amplifier Module
AP504 WJCI-AP504 Datasheet
218Kb / 5P
DCS-band 4W HBT Amplifier Module
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
UMTS Dual-Band 4x5mm Power Amplifier Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com