Electronic Components Datasheet Search
  English  ▼

X  

AP622 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AP622
Description  UMTS-band 4W HBT Amplifier Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP622 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AP622 Datasheet HTML 1Page - WJ Communication. Inc. AP622 Datasheet HTML 2Page - WJ Communication. Inc. AP622 Datasheet HTML 3Page - WJ Communication. Inc. AP622 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 4 March 2007
AP622
UMTS-band 4W HBT Amplifier Module
Performance Graphs
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB @ 0.01% Probability, 3.84 MHz BW, Vcc = +28V, Icq = 120 mA
Notes:
1. Please note that for reliable operation, the evaluation board will have to
be mounted to a much larger heat sink during operation and in laboratory
environments to dissipate the power consumed by the device. The use of
a convection fan is also recommended in laboratory environments.
Details of the mounting holes used in the WJ heatsink are given on the
last page of this datasheet.
2. The area around the module underneath the PCB should not contain any
soldermask in order to maintain good RF grounding.
3. For proper and safe operation in the laboratory, the power-on sequencing
should be followed:
a. Connect RF In and Out
b. Connect the voltages and ground pins as shown in the circuit.
c. Apply the RF signal
d. Power down with the reverse sequence
Gain vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 120 mA, 25 ˚C
25
26
27
28
29
30
22
23
24
25
26
27
Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
ACLR1 vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 120 mA, 25 ˚C
-60
-55
-50
-45
-40
22
23
24
25
26
27
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
Efficiency vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 120 mA, 25 ˚C
0
3
6
9
12
15
22
23
24
25
26
27
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
Icc vs. Output Power
WCDMA, Vcc = 28V, Icq = 120 mA, 25 ˚C
120
130
140
150
160
170
22
23
24
25
26
27
Output Power (dBm)
DNP
DNP
DNP
DNP
10µF
DNP
DNP
DNP
DNP
0
0
0
0
10µF
.01µF
.01µF
100pF
100pF
6
5
4
2
3
1
RF IN
RF OUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com