Electronic Components Datasheet Search
  English  ▼

X  

MA4P274 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4P274
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P274 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4P274 Datasheet HTML 1Page - Tyco Electronics MA4P274 Datasheet HTML 2Page - Tyco Electronics MA4P274 Datasheet HTML 3Page - Tyco Electronics MA4P274 Datasheet HTML 4Page - Tyco Electronics MA4P274 Datasheet HTML 5Page - Tyco Electronics MA4P274 Datasheet HTML 6Page - Tyco Electronics MA4P274 Datasheet HTML 7Page - Tyco Electronics MA4P274 Datasheet HTML 8Page - Tyco Electronics MA4P274 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Surface Mount
Plastic PIN Diodes
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
2
V16
SMPP Series
Also Offering
RoHS Compliant
Equivalent Parts
1. The reverse current will not exceed 10
μA at the reverse voltage rating.
2. Total capacitance is measured at 1 MHz at the indicated voltage.
3. Series resistance is measured at the specified current and a frequency of 100 MHz.
Absolute Maximum Ratings @ 25 °C
1 (Unless Otherwise Noted)
1. Operation of these devices above any one of these parameters may cause permanent damage.
Parameter
Absolute
Maximum
Value
Operating Temperature
-65
°C to +150 °C
Storage Temperature
-65
°C to +125 °C
Junction Temperature
+ 175
°C
RF C.W. Incident Power @ 25
°C:
MA4P282 / MA4P7447/MADP-007155 Series(
θ die = 15 °C / W ), RF & DC Incident De-rating Coefficient = - 21.3 mW / °C
MA4P275 / MA4P7436/MADP-007436 Series(
θ die = 25 °C / W ), RF & DC Incident De-rating Coefficient = - 16.8 mW / °C
MA4P278 / MA4P7438/MADP-007438Series (
θ die = 30 °C / W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P274 / MA4P7455/MADP-007455 Series (
θ die = 35 °C / W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P277 / MA4P7437/MADP-007437 Series (
θ die = 45 °C / W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P290 / MADP-007167 Series (
θ die = 55 °C / W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P789 / MA4P7433/MADP-007433 Series(
θ die = 80 °C / W ), RF & DC Incident De-rating Coefficient = - 10.7 mW / °C
+ 32 dBm
+ 31 dBm
+ 30 dBm
+ 30 dBm
+ 30 dBm
+ 30 dBm
+ 29 dBm
Total ( RF + DC ) Power Dissipation @ 25
°C
( SOT-23, SOT-143 ) : RF & DC Dissipated De-rating Coefficient = - 33.3 mW /
°C
( SOT-323, SOD-323, SC-79 ) : RF & DC Dissipated De-rating Coefficient = - 26.7 mW /
°C
250 mW
200 mW
Reverse Voltage
Voltage Rating
Forward Current
150 mA DC
Total
Capacitance
2
Max.
Nominal Characteristics
Standard
Part Number
RoHS
Compliant
Part Number
Reverse
Voltage
1
(V)
RS @ 10 mA
3
Max.
(Ohms)
Carrier
Lifetime
4
(
μs)
I-Region
Thickness
(mils)
MA4P275
MA4P7436
MADP-007436 Series
75
1.00 @ 20V
0.5
0.2
0.4
MA4P789
MA4P7433
MADP-007433 Series
75
0.35 @ 20V
1.5
0.2
0.4
MA4P282
MA4P7447
MADP-007155 Series
100
1.20 @ 20V
0.6
1.0
0.8
MA4P274
MA4P7455
MADP-007455 Series
100
0.35 @ 50V
3.0
1.0
2.0
MA4P277
MA4P7437
MADP-007437 Series
200
0.35 @ 50V
6.0
2.0
4.0
MA4P278
MA4P7438
MADP-007438 Series
200
0.35 @ 50V
10.0
3.0
5.0
MA4P290
MADP-007167
200
0.30 @ 50V
16.0
3.0
7.0
Electrical Specifications @ 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com