Electronic Components Datasheet Search
  English  ▼

X  

MA4P274 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MA4P274
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P274 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button MA4P274 Datasheet HTML 2Page - Tyco Electronics MA4P274 Datasheet HTML 3Page - Tyco Electronics MA4P274 Datasheet HTML 4Page - Tyco Electronics MA4P274 Datasheet HTML 5Page - Tyco Electronics MA4P274 Datasheet HTML 6Page - Tyco Electronics MA4P274 Datasheet HTML 7Page - Tyco Electronics MA4P274 Datasheet HTML 8Page - Tyco Electronics MA4P274 Datasheet HTML 9Page - Tyco Electronics MA4P274 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Surface Mount
Plastic PIN Diodes
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
6
V16
SMPP Series
Also Offering
RoHS Compliant
Equivalent Parts
Typical Forward Resistance vs DC Bias Current Curves @ 100 MHz
Resistance vs Forward Current
(MA4P282 / MA4P7447 / MADP-007155 Series)
Resistance vs Forward Current
(MA4P789 / MA4P7433/ MADP-007433 Series)
0.1
1
10
100
1000
10000
FO RW ARD BIAS CURRENT
1
μA
10
μA
100
μA
1mA
10mA
100mA
0.1
1
10
100
1000
10000
FO RWARD BIAS CURRENT
1
μA
10
μA
100
μA
1mA
10mA
100mA
0.01
0.1
1
10
100
Forward B ias C urrent (m A)
1
10
100
1000
10,000
Resistance vs Forward Current
(MA4P290 / MADP-007167 Series)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com