Electronic Components Datasheet Search
  English  ▼

X  

MA4P274 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4P274
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P274 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4P274 Datasheet HTML 1Page - Tyco Electronics MA4P274 Datasheet HTML 2Page - Tyco Electronics MA4P274 Datasheet HTML 3Page - Tyco Electronics MA4P274 Datasheet HTML 4Page - Tyco Electronics MA4P274 Datasheet HTML 5Page - Tyco Electronics MA4P274 Datasheet HTML 6Page - Tyco Electronics MA4P274 Datasheet HTML 7Page - Tyco Electronics MA4P274 Datasheet HTML 8Page - Tyco Electronics MA4P274 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Surface Mount
Plastic PIN Diodes
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
3
V16
SMPP Series
Also Offering
RoHS Compliant
Equivalent Parts
Single
Single
SC-79
SOD-323
SOT-23
Standard
Part Number
RoHS Compliant
Part Number
Standard
Part Number
RoHS Compliant
Part Number
Standard
Part Number
RoHS Compliant
Part Number
MADP-007436-
12790T
MA4P275-1141T
MA4P7436-1141T
MA4P275-287T
MA4P7436-287T
MADP-007433-
12790T
MA4P789-1141T
MA4P7433-1141T
MA4P789-287T
MA4P7433-287T
MA4P282-1141T
MA4P7447-1141T
MA4P282-287T
MA4P7447-287T
MADP-007455-
12790T
MA4P274-1141T
MA4P7455-1141T
MA4P274-287T
MA4P7455-287T
MA4P277-1141T
MA4P7437-1141T
MA4P277-287T
MA4P7437-287T
MA4P278-1141T
MA4P7438-1141T
MA4P278-287T
MA4P7438-287T
MA4P290-1141T
MADP-007167-11410T
MA4P290-287T
MADP-007167-287AT
LS = 0.6 nH
LS = 1.3 nH
LS = 1.4 nH
CP = 0.10 pF
CP = 0.11 pF
CP = 0.12 pF
Packaging and Configurations
Common Cathode
Common Anode
SOT-23
SC70 (3L)
SOT-23
SC70 (3L)
Standard
Part Number
RoHS Compliant
Part Number
Standard
Part Number
RoHS Compliant
Part Number
Standard
Part Number
RoHS Compliant
Part Number
Standard
Part Number
RoHS Compliant
Part Number
MA4P275CK-287T
MA4P7436CK-287T
MA4P275CK-1146T
MA4P7436CK-1146T
MA4P275CA-287T
MA4P7436CA-287T
MA4P275CA-1146T
MA4P7436CA-1146T
MA4P289CK-287T
MA4P7433CK-287T
MA4P789CK-1146T
MA4P7433CK-1146T
MA4P789CA-287T
MA4P7433CA-287T
MA4P789CA-1146T
MA4P7433CA-1146T
MA4P282CK-287T
MA4P7447CK-287T
MA4P282CA-287T
MA4P7447CA-287T
MA4P274CK-287T
MA4P7455CK-287T
MA4P274CK-1146T
MA4P7455CK-1146T
MA4P274CA-287T
MA4P7455CA-287T
MA4P274CA-1146T
MA4P7455CA-1146T
MA4P277CK-287T
MADP-007437-0287FT
MA4P277CA-287T
MA4P7437CA-287T
MA4P278CK-287T
MADP-007438-0287FT
MA4P278CA-287T
MA4P7438CA-287T
MA4P290CK-287T
MADP-007167-0287FT
MADP-007167-0287GT
LS = 1.4 nH
LS = 1.3 nH
LS = 1.4 nH
LS = 1.3 nH
CP = 0.12 pF
CP = 0.12 pF
CP = 0.12 pF
CP = 0.12 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com