Electronic Components Datasheet Search
  English  ▼

X  

IRF7403 Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7403
Description  MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7403 Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7403 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10
100
1000
4
5
6
7
8
9
10
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
0.0
0.5
1.0
1.5
2.0
-60 -40
-20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
V
= 10V
GS
A
I = 6.7A
D
1
10
100
1000
0.01
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µs PULSE WIDTH
T = 25°C
A
4.5V
J
1
10
100
1000
0.01
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µs PULSE WIDTH
T = 150°C
A
4.5V
J
15V
Rev:2023A2
3
TYPICAL CHARACTERISTICS
(25 °C, unless otherwise noted)
IRF7403



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com