Electronic Components Datasheet Search
  English  ▼

X  

IRF7403 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7403
Description  MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7403 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7403 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7403 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
l
l
l
l
l
l
Description
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ 10V9.7
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V8.5
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V5.4
IDM
Pulsed Drain Current 
34
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
±20
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient„
–––
50
°C/W
IRF7403
Generation VTechology
Ultra Low On-Resistance N-
ChannelMosfet
Surface Mount
Dynamic dv/dt Rating
Fast Switching
Lead-Free
The SOP-8 has been modified throuah a customized leadframe
for enhanced thermal characteristics and multiple-die capability
making it ideal in a variety of power applications. With these im-
provements, multiple devices can be used in an application with
dramatically reduced board space.The package is designed for
vapor phase. infra red. or wave so derina techniaues.Power dis-
sipation of qreater than 0.8W is possible in a typical PCB mount
application.
Rev:2023A2
1
Features


Similar Part No. - IRF7403

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7403 IRF-IRF7403 Datasheet
119Kb / 9P
Generation V Technology
logo
Guangdong Youtai Semico...
IRF7403 UMW-IRF7403 Datasheet
434Kb / 8P
Generation VTechology
logo
International Rectifier
IRF7403PBF IRF-IRF7403PBF Datasheet
231Kb / 9P
HEXFET Power MOSFET
IRF7403PBF IRF-IRF7403PBF Datasheet
236Kb / 9P
GENERATION V TECHNOLOGY
IRF7403PBF IRF-IRF7403PBF_15 Datasheet
236Kb / 9P
GENERATION V TECHNOLOGY
More results

Similar Description - IRF7403

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com