Electronic Components Datasheet Search
  English  ▼

X  

PMBTH10 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMBTH10
Description  NPN 1 GHz general purpose switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTH10 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMBTH10 Datasheet HTML 1Page - NXP Semiconductors PMBTH10 Datasheet HTML 2Page - NXP Semiconductors PMBTH10 Datasheet HTML 3Page - NXP Semiconductors PMBTH10 Datasheet HTML 4Page - NXP Semiconductors PMBTH10 Datasheet HTML 5Page - NXP Semiconductors PMBTH10 Datasheet HTML 6Page - NXP Semiconductors PMBTH10 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
September 1995
5
Philips Semiconductors
Product specification
NPN 1 GHz general purpose switching transistor
PMBTH10
Fig.6
Common base reverse transfer admittance
(Y12) as a function of frequency.
VCB = 10 V; IC = 4 mA.
handbook, halfpage
0
5
1
2
Y12
(mS)
f (MHz)
3
4
MRA164
102
−b12
g12
103
Fig.7
Common base reverse transfer admittance
(Y12).
VCB = 10 V; IC = 4 mA.
handbook, halfpage
−22
0
−5
−4
−3
−2
−1
−1.2
−0.4
0.4
1.2
g12 (mS)
b12
(mS)
MRA166
1000 MHz
100
200
400
700
Fig.8
Common base reverse admittance (Y22)as
a function of frequency.
VCB = 10 V; IC = 4 mA.
handbook, halfpage
0
10
2
4
Y22
(mS)
f (MHz)
6
8
MRA165
102
103
b22
g22
Fig.9 Common base reverse admittance (Y22).
VCB = 10 V; IC = 4 mA.
handbook, halfpage
010
10
0
2
4
6
8
24
6
8
g22 (mS)
b22
(mS)
MRA167
100 MHz
700 MHz
400 MHz
200 MHz
1000 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com