Electronic Components Datasheet Search
  English  ▼

X  

PMBTH10 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMBTH10
Description  NPN 1 GHz general purpose switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTH10 Datasheet(HTML) 1 Page - NXP Semiconductors

  PMBTH10 Datasheet HTML 1Page - NXP Semiconductors PMBTH10 Datasheet HTML 2Page - NXP Semiconductors PMBTH10 Datasheet HTML 3Page - NXP Semiconductors PMBTH10 Datasheet HTML 4Page - NXP Semiconductors PMBTH10 Datasheet HTML 5Page - NXP Semiconductors PMBTH10 Datasheet HTML 6Page - NXP Semiconductors PMBTH10 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
Product specification
File under Discrete Semiconductors, SC14
September 1995
DISCRETE SEMICONDUCTORS
PMBTH10
NPN 1 GHz general purpose
switching transistor


Similar Part No. - PMBTH10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTH81 PHILIPS-PMBTH81 Datasheet
47Kb / 7P
PNP 1 GHz switching transistor
September 1995
More results

Similar Description - PMBTH10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
NPN 1 GHz general purpose switching transistor
1998 Aug 27
logo
Pan Jit International I...
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904-AU PANJIT-MMBT3904-AU Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com