Electronic Components Datasheet Search
  English  ▼

X  

PMBTH10 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMBTH10
Description  NPN 1 GHz general purpose switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTH10 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMBTH10 Datasheet HTML 1Page - NXP Semiconductors PMBTH10 Datasheet HTML 2Page - NXP Semiconductors PMBTH10 Datasheet HTML 3Page - NXP Semiconductors PMBTH10 Datasheet HTML 4Page - NXP Semiconductors PMBTH10 Datasheet HTML 5Page - NXP Semiconductors PMBTH10 Datasheet HTML 6Page - NXP Semiconductors PMBTH10 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 1 GHz general purpose switching transistor
PMBTH10
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
CHARACTERISTICS
Tj =25 °C.
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-s
from junction to soldering point (note 1)
260 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 100 µA; IE =0
30
−
V
V(BR)CEO
collector-emitter breakdown voltage
open base; IC = 1 mA; IB =0
25
−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE =10 µA; IC =0
3
−
V
VCE sat
collector-emitter saturation voltage
IC = 4 mA; IB = 0.4 mA
−
0.5
V
VBE on
base-emitter ON voltage
VCE = 10 V; IC = 4 mA
−
0.95
V
ICBO
collector-base cut-off current
VCB = 25 V; IE =0
−
100
nA
IEBO
emitter-base cut-off current
VCB = 25 V; IC =0
−
100
nA
hFE
DC current gain
VCE = 10 V; IC = 4 mA
60
−
Cre
collector-emitter feedback
capacitance
VCB = 10 V; IE =ie =0;
f = 1 MHz
−
0.7
pF
Crb
collector-base feedback capacitance
VCB = 10 V; IC =ic =0;
f = 1 MHz
0.35
0.65
pF
fT
transition frequency
VCE = 10 V; IC = 4 mA;
f = 100 MHz; Tamb =25 °C
650
−
MHz
rbCc
collector-base time constant
VCB = 10 V; IC = 4 mA;
f = 100 MHz; Tamb =25 °C
−
9ps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com