Electronic Components Datasheet Search
  English  ▼

X  

56F8013 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56F8013
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8013 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F8013 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 125 page
background image
56F8013/56F8011 Data Sheet, Rev. 10
8
Freescale Semiconductor
Preliminary
•
Phase Lock Loop (PLL) provides a high-speed clock to the core and peripherals
•
Clock Sources:
— On-chip relaxation oscillator
— External clock source
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
JTAG/EOnCE debug programming interface for real-time debugging
1.1.5
Energy Information
•
Fabricated in high-density CMOS with 5V tolerance
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
Wait and Stop modes available
•
ADC smart power management
•
Each peripheral can be individually disabled to save power
1.2 56F8013/56F8011 Description
The 56F8013/56F8011 is a member of the 56800E core-based family of Digital Signal Controllers (DSCs).
It combines, on a single chip, the processing power of a DSP and the functionality of a microcontroller
with a flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost,
configuration flexibility, and compact program code, the 56F8013/56F8011 is well-suited for many
applications. The 56F8013/56F8011 includes many peripherals that are especially useful for industrial
control, motion control, home appliances, general purpose inverters, smart sensors, fire and security
systems, power management, and medical monitoring applications.
The 56800E core is based on a dual Harvard-style architecture consisting of three execution units
operating in parallel, allowing as many as six operations per instruction cycle. The MCU-style
programming model and optimized instruction set allow straightforward generation of efficient, compact
DSP and control code. The instruction set is also highly efficient for C compilers to enable rapid
development of optimized control applications.
The 56F8013/56F8011 supports program execution from internal memories. Two data operands can be
accessed from the on-chip data RAM per instruction cycle. The 56F8013/56F8011 also offers up to 26
General Purpose Input/Output (GPIO) lines, depending on peripheral configuration.
The 56F8013 Digital Signal Controller includes 16KB of Program Flash and 4KB of Unified
Data/Program RAM. The 56F8011 Digital Signal Controller includes 12KB of Program Flash and 2KB
of Unified Data/Program RAM. Program Flash memory can be independently bulk erased or erased in
pages. Program Flash page erase size is 512 Bytes (256 Words).
A full set of programmable peripherals—PWM, ADCs, SCI, SPI, I2C, Quad Timer—supports various
applications. Each peripheral can be independently shut down to save power. Any pin in these peripherals
can also be used as General Purpose Input/Outputs (GPIOs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com