Electronic Components Datasheet Search
  English  ▼

X  

56F8013 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 56F8013
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8013 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 56F8013 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 125 page
background image
56F8013/56F8011 Data Sheet, Rev. 10
84
Freescale Semiconductor
Preliminary
7.1 Operation with Security Enabled
Once the user has programmed the Flash with his application code, the 56F8013/56F8011 can be secured
by programming the security bytes located in the FM configuration field, which are located at the last nine
words of Program Flash. These non-volatile bytes will keep the part secured through reset and through
power-down of the device. Only two bytes within this field are used to enable or disable security. Refer to
the Flash Memory chapter in the 56F801X Peripheral User Manual for the state of the security bytes and
the resulting state of security. When Flash security mode is enabled in accordance with the method
described in the Flash Memory module chapter, the 56F8013/56F8011 will disable the core EOnCE debug
capabilities. Normal program execution is otherwise unaffected.
7.2 Flash Access Lock and Unlock Mechanisms
The 56F8013/56F8011 have several operating functional and debug modes. Effective Flash security must
address operating mode selection and anticipate modes in which the on-chip Flash can be read without
explicit user permission.
7.2.1
Disabling EOnCE Access
On-chip Flash can be read by issuing commands across the EOnCE port, which is the debug interface for
the 56800E CPU. The TCLK, TMS, TDO, and TDI pins comprise a JTAG interface onto which the
EOnCE port functionality is mapped. When the 56F8013/56F8011 boot, the chip-level JTAG TAP (Test
Access Port) is active and provides the chip’s boundary scan capability and access to the ID register, but
proper implementation of Flash security will block any attempt to access the internal Flash memory via
the EOnCE port when security is enabled.
7.2.2
Flash Lockout Recovery Using JTAG
If a user inadvertently enables security on the 56F8013/56F8011, the only lockout recovery mechanism is
the complete erasure of the internal Flash contents, including the configuration field, and thus disables
security (the protection register is cleared). This does not compromise security, as the entire contents of
the user’s secured code stored in Flash are erased before security is disabled on the 56F8013/56F8011 on
the next reset or power-up sequence.
To start the lockout recovery sequence, the JTAG public instruction (LOCKOUT_RECOVERY) must
first
be
shifted
into
the
chip-level
TAP
controller’s
instruction
register.
Once
the
LOCKOUT_RECOVERY instruction has been shifted into the instruction register, the clock divider value
must be shifted into the corresponding 7-bit data register. After the data register has been updated, the user
must transition the TAP controller into the RUN-TEST/IDLE state for the lockout sequence to commence.
The controller must remain in this state until the erase sequence has completed. Refer to the 56F801X
Peripheral User Manual for more details, or contact Freescale.
Note:
Once the lockout recovery sequence has completed, the user must reset both the JTAG TAP controller
(by advancing the TAP state machine to the reset state) and the 56F8013/56F8011 (by asserting
external chip reset) to return to normal unsecured operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com