Electronic Components Datasheet Search
  English  ▼

X  

IRLML6344 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML6344
Description  MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLML6344 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLML6344 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6344 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6344 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6344 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6344 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6344 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6344 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6344 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Application(s)
D
S
G
3
1
2
Load/ System Switch
Benefits
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
100
RθJA
Junction-to-Ambient (t<10s)
f
–––
99
W
°C/W
A
Max.
5.0
4.0
-55 to + 150
± 12
0.01
30
1.3
0.8
25
Lower Conduction Losses
Multi-vendor compatibility
Environmentally friendly
Increased Reliability
IRLML6344
8
Rev:2023A2
1
SOT–23
1. GATE
2. SOURCE
3. DRAIN
VDS (V) = 30V
RDS(ON)
29m
(VGS = 4.5V)
RDS(ON)
37m
(VGS = 2.5V)
Features


Similar Part No. - IRLML6344

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLML6344 UMW-IRLML6344 Datasheet
392Kb / 8P
IRLML6344
IRLML6344 UMW-IRLML6344 Datasheet
442Kb / 8P
Load/ System Switch
logo
VBsemi Electronics Co.,...
IRLML6344GTRPBF VBSEMI-IRLML6344GTRPBF Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
International Rectifier
IRLML6344PBF IRF-IRLML6344PBF Datasheet
244Kb / 10P
HEXFETPower MOSFET
IRLML6344PBF IRF-IRLML6344PBF Datasheet
210Kb / 10P
Industry-standard SOT-23 Package
More results

Similar Description - IRLML6344

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com