Electronic Components Datasheet Search
  English  ▼

X  

IRLML9301 Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML9301
Description  P−CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLML9301 Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLML9301 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
-VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS = 0V,
f = 1 KHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0246
8
10
12
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= -24V
VDS= -15V
VDS= -6V
ID= -3.6A
0.3
0.5
0.7
0.9
1.1
-VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
0
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
OPERATION IN THIS AREA
LIMITED BY R DS(on)
TA = 25°C
Tj = 150°C
Single Pulse
100μsec
1msec
10msec
Rev:2023A2
4
IRLML9301
P−CHANNEL MOSFET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com