Electronic Components Datasheet Search
  English  ▼

X  

IRLML9301 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML9301
Description  P−CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLML9301 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLML9301 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Benefits
S
G 1
2
D
3
Application(s)
• System/Load Switch
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
RθJA
Junction-to-Ambient (t<10s)
f
°C/W
A
Max.
-3.6
-2.9
-55 to + 150
± 20
0.01
-30
1.3
0.8
-15
W
Lower switching losses
Multi-vendor compatibility
Easier manufacturing
Environmentally friendly
Increased reliability
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
IRLML9301
FEATURES
VDS (V) = -30V
RDS(ON)
64m
(V GS = -10V)
RDS(ON)
103m
(V GS = -4.5V)
P−CHANNEL MOSFET
SOT–23
1. GATE
2. SOURCE
3. DRAIN
Rev:2023A2
1
100
99


Similar Part No. - IRLML9301

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML9301PBF IRF-IRLML9301PBF Datasheet
200Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML9301PBF IRF-IRLML9301PBF_15 Datasheet
200Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML9301TRPBF IRF-IRLML9301TRPBF Datasheet
239Kb / 10P
HEXFET Power MOSFET
logo
ZP Semiconductor
IRLML9301TRPBF ZPSEMI-IRLML9301TRPBF Datasheet
301Kb / 2P
HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML9301TRPBF VBSEMI-IRLML9301TRPBF Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - IRLML9301

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com