Electronic Components Datasheet Search
  English  ▼

X  

IRLML9301 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML9301
Description  P−CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLML9301 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLML9301 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML9301 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
G
D
S
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
0.02
V/°C
51
64
82
103
VGS(th)
Gate Threshold Voltage
-1.3
-2.4
V
IDSS
1
150
IGSS
Gate-to-Source Forward Leakage
-100
Gate-to-Source Reverse Leakage
100
RG
Internal Gate Resistance
12
Ω
gfs
Forward Transconductance
5.0
S
Qg
Total Gate Charge
4.8
Qgs
Gate-to-Source Charge
1.2
Qgd
Gate-to-Drain ("Miller") Charge
2.5
td(on)
Turn-On Delay Time
9.6
tr
Rise Time
19
td(off)
Turn-Off Delay Time
16
tf
Fall Time
15
Ciss
Input Capacitance
388
Coss
Output Capacitance
93
Crss
Reverse Transfer Capacitance
65
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
-1.2
V
trr
Reverse Recovery Time
14
21
ns
Qrr
Reverse Recovery Charge
7.2
11
nC
pF
A
-1.3
-15
VDD =-15Vd
nA
nC
ns
VDS = VGS, ID = -10μA
VDS =-24V, VGS = 0V
VDS = -24V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = -4.5V, ID = -2.9A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
Ω
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -3.6A d
MOSFET symbol
showing the
VDS =-15V
Conditions
VGS = -4.5V
VGS = 0V
VDS = -25V
ƒ = 1.0KHz
RG = 6.8
Ω
VGS = -4.5V d
di/dt = 100A/μs
d
VGS = -20V
VGS = 20V
TJ = 25°C, IS = -1.3A, VGS = 0V d
integral reverse
p-n junction diode.
VDS = -10V, ID =-3.6A
ID = -3.6A
ID = -1A
TJ = 25°C, VR = -24V, IF=-1.3A
Rev:2023A2
2
IRLML9301
P−CHANNEL MOSFET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com