Electronic Components Datasheet Search
  English  ▼

X  

56F8345 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 56F8345
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8345 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 56F8345 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 164 page
background image
56F8345 Technical Data, Rev. 17
34
Freescale Semiconductor
Preliminary
CAN_TX
120
Open
Drain
Output
Open
Drain
Output
FlexCAN Transmit Data — CAN output with internal pull-up
enable at reset.*
* Note: If a pin is configured as open drain output mode, internal
pull-up will automatically be disabled when it outputs low.
Internal pull-up will be enabled unless it has been manually
disabled by clearing the corresponding bit in the PUREN register
of the GPIO module, when it outputs high.
If a pin is configured as push-pull output mode, internal pull-up
will automatically be disabled, whether it outputs low or high.
TC0
(GPIOE8)
111
Schmitt
Input/
Output
Schmitt
Input/
Output
Input,
pull-up
enabled
TC0 - 1 — Timer C, Channels 0 and 1
Port E GPIO — These GPIO pins can be individually
programmed as input or output pins.
At reset, these pins default to Timer functionality.
To deactivate the internal pull-up resistor, clear the appropriate
bit of the GPIOE_PUR register. See Part 6.5.6 for details.
TC1
(GPIOE9)
113
TD0
(GPIOE10)
107
Schmitt
Input/
Output
Schmitt
Input/
Output
Input,
pull-up
enabled
TD0 - TD3 — Timer D, Channels 0, 1, 2 and 3
Port E GPIO — These GPIO pins can be individually
programmed as input or output pins.
At reset, these pins default to Timer functionality.
To deactivate the internal pull-up resistor, clear the appropriate
bit of the GPIOE_PUR register. See Part 6.5.6 for details.
TD1
(GPIOE11)
108
TD2
(GPIOE12)
109
TD3
(GPIOE13)
110
IRQA
52
Schmitt
Input
Input,
pull-up
enabled
External Interrupt Request A and B — The IRQA and IRQB
inputs are asynchronous external interrupt requests during Stop
and Wait mode operation. During other operating modes, they
are synchronized external interrupt requests, which indicate an
external device is requesting service. They can be programmed
to be level-sensitive or negative-edge triggered.
To deactivate the internal pull-up resistor, set the IRQ bit in the
SIM_PUDR register. See Part 6.5.6 for details.
IRQB
53
Table 2-2 Signal and Package Information for the 128-Pin LQFP
Signal
Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com