Electronic Components Datasheet Search
  English  ▼

X  

56F8345 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 56F8345
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8345 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 56F8345 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 164 page
background image
Introduction
56F8345 Technical Data, Rev. 17
Freescale Semiconductor
17
Preliminary
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56F8345 and 56F8145 are organized into functional groups, as detailed
in Table 2-1 and as illustrated in Figure 2-1. In Table 2-2, each table row describes the signal or signals
present on a pin.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of Pins in Package
56F8345
56F8145
Power (VDD or VDDA)
99
Power Option Control
11
Ground (VSS or VSSA)
66
Supply Capacitors1 & VPP
1. If the on-chip regulator is disabled, the VCAP pins serve as 2.5V VDD_CORE power inputs
66
PLL and Clock
44
Bus Control
66
Interrupt and Program Control
44
Pulse Width Modulator (PWM) Ports
26
13
Serial Peripheral Interface (SPI) Port 0
44
Serial Peripheral Interface (SPI) Port 1
—4
Quadrature Decoder Port 02
2. Alternately, can function as Quad Timer pins or GPIO
44
Quadrature Decoder Port 13
3. Pins in this section can function as Quad Timer, SPI 1, orGPIO
4—
Serial Communications Interface (SCI) Ports
44
CAN Ports
2—
Analog-to-Digital Converter (ADC) Ports
21
21
Timer Module Ports
64
JTAG/Enhanced On-Chip Emulation (EOnCE)
55
Temperature Sense
1—
Dedicated GPIO ( Address Bus = 11; Data Bus = 44)
4. EMI not functional in these packages; use as GPIO pins.
Note: See Table 1-1 for 56F8145 functional differences.
28
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com