Electronic Components Datasheet Search
  English  ▼

X  

56F8345 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # 56F8345
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8345 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button 56F8345 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 164 page
background image
56F8345 Technical Data, Rev. 17
38
Freescale Semiconductor
Preliminary
Figure 3-3 Connecting a Ceramic Resonator
Note:
The OCCS_COHL bit must be set to 0 when a ceramic resonator is used. The reset condition on the
OCCS_COHL bit is 0. Please see the COHL bit in the Oscillator Control (OSCTL) register, discussed
in the 56F8300 Peripheral User’s Manual.
3.2.3
External Clock Source
The recommended method of connecting an external clock is illustrated in Figure 3-4. The external clock
source is connected to XTAL and the EXTAL pin is grounded. Set OCCS_COHL bit high when using an
external clock source as well.
Figure 3-4 Connecting an External Clock Signal Register
3.3 Registers
When referring to the register definitions for the OCCS in the 56F8300 Peripheral User Manual, use the
register definitions without the internal Relaxation Oscillator, since the 56F8345/56F8145 devices do
NOT contain this oscillator.
Part 4 Memory Map
4.1 Introduction
The 56F8345 and 56F8145 devices are 16-bit motor-control chips based on the 56800E core. These parts
use a Harvard-style architecture with two independent memory spaces for Data and Program. On-chip
EXTAL XTAL
Rz
Sample External Ceramic Resonator Parameters:
Rz = 750 KΩ
EXTAL XTAL
Rz
C1
CL1
CL2
C2
Resonator Frequency = 4 - 8MHz (optimized for 8MHz)
3 Terminal
2 Terminal
CLKMODE = 0
XTAL
EXTAL
External
VSS
Clock
Note: When using an external clocking
source with this configuration, the input
“CLKMODE” should be high and COHL bit in
the OSCTL register should be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com