Electronic Components Datasheet Search
  English  ▼

X  

PR31700 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PR31700
Description  32-bit RISC microprocessor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31700 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PR31700 Datasheet HTML 22Page - NXP Semiconductors PR31700 Datasheet HTML 23Page - NXP Semiconductors PR31700 Datasheet HTML 24Page - NXP Semiconductors PR31700 Datasheet HTML 25Page - NXP Semiconductors PR31700 Datasheet HTML 26Page - NXP Semiconductors PR31700 Datasheet HTML 27Page - NXP Semiconductors PR31700 Datasheet HTML 28Page - NXP Semiconductors PR31700 Datasheet HTML 29Page - NXP Semiconductors PR31700 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Philips Semiconductors
Preliminary specification
PR31700
32-bit RISC microprocessor
1998 May 13
26
ELECTRICAL SPECIFICATIONS
(VSS = 0V, VDD = 3.3V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Crystal stabilization time
9.216MHz
TSTA–10M
f = 8.25MHz10MHz
X’tal : AT–51
Cin = Cout = 10pF–33pF
-
-
10
ms
Crystal stabilization time
32.768kHz
TSTA–32k
f = 32kHz
X’tal : KF–38G
Cin = Cout = 10pF–33pF
-
-
2
s
PR31700 TIMING
0.8V
2.0V
DELAY
SETUP
HOLD
2.2V
0.8V
2.2V
0.8V
2.2V
0.8V
OUTPUTS
INPUTS
0.8VCC
0.2VCC
SN00165
Figure 6.
Definition of AC Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com