Electronic Components Datasheet Search
  English  ▼

X  

33198 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33198
Description  Automotive High-Side TMOS Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33198 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33198 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33198
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
TIMER PIN 8
Timer Current
ITIME
7.0
10
14
µA
On Threshold
VHTH
5.2
5.5
5.8
V
Discharge Current @ VPIN8 = 5.0V
IDISCH
2.0
5.0
10
mA
Saturation Voltage @ IPIN8 = 1mA
VSAT
-
0.15
0.4
V
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 20 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com