Electronic Components Datasheet Search
  English  ▼

X  

33198 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33198
Description  Automotive High-Side TMOS Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33198 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33198 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33198
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 5. Descriptive Waveform Diagram
0V
< 30V and > 20V
Vbat
0V
5V
0V
Vbat + 14V
0V
0V
10V
5,5V
0V
5V
UNDER VOLTAGE THRESHOLD
UNDER VOLTAGE THRESHOLD
VCC PIN 5 (V)
MOSFET GATE (V)
MOSFET SOURCE (V)
FAULT PIN 6 (V)
IN PIN 7 (V)
PIN 2 VOLTAGE
110
µA GATE DISCHARGE CURRENT
10
µA GATE DISCHARGE CURRENT
10
µA DISCHARGE
TEMPORY
NORMAL SWITCH ON/OFF
MOSFET OFF
OVERVOLTAGE CONDITION
PERMANENT OVERLOAD
UNDERVOLTAGE CONDITION
OVERLOAD
LOAD SHORTED TO VBAT
LOAD VOLTAGE (V)
TIMER PIN 8 (V)
< Vbat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com