Electronic Components Datasheet Search
  English  ▼

X  

33198 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33198
Description  Automotive High-Side TMOS Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33198 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33198 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33198
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 6. Supply Current versus Supply Voltage.
Pin 7 = 0V
Figure 7. Supply Current versus Supply Voltage.
Pin 7 = 5.0V
Figure 8. Time Current versus Supply Voltage
Figure 9. Drain Current versus Supply Voltage
Figure 10. Fault Output Voltage versus Current
Figure 11. Gate Voltage versus Voltage
g
0
3
1
4
2
5
Ta = 125
°C
Ta = -40
°C
Ta = 25
°C
Vcc, SUPPLY VOLTAGE (V)
510
15
20
25
0
15
5
20
10
25
5
10
15
20
25
Vcc, SUPPLY VOLTAGE (V)
Vcc, SUPPLY VOLTAGE (V)
8
10
9
11
Ta = 125
°C
Ta = 25
°C
Ta = -40
°C
510
15
20
25
72
76
74
78
Vcc, SUPPLY VOLTAGE (V)
Ta = 125
°C
Ta = - 40
°C
80
Ta = 25
°C
510
15
20
25
04
5
3
12
0.5
1
1.5
2
FAULT OUTPUT CURRENT (mA)
Ta = 125
°C
Ta = -40
°C
Ta = 25
°C
Vcc, SUPPLY VOLTAGE (V)
125
°C
-40
°C
25
°C
510
15
20
25
40
35
30
25
15
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com