Electronic Components Datasheet Search
  English  ▼

X  

33199 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33199
Description  Automotive ISO 9141 Serial Link Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33199 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33199 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33199
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS (1)
VS Supply Pin
DC Voltage Range
Transient Pulse (2)
VS
VPULSE
0.5 to + 40
2 to + 40
V
VCC Supply DC Voltage Range
VCC
0.3 to + 6.0
V
DIA and L Pins (2)
DC Voltage Range
Transient Pulse (clamped by internal diode)
DC Source Current
DIA Low Level Sink Current
- 0.5 TO + 38
-2
- 50
INT. LIMIT
V
V
mA
mA
TXD DC Voltage Range
-0.3 TO VCC +0.3
V
REF-IN DC Voltage Range
VS < VCC
VS > VCC
-0.3 TO VCC
-0.3 TO VS
V
ESD Voltage Capability
VESD
+/-2000
V
THERMAL RATINGS
Storage Temperature
TSTG
55 to + 150
°C
Operating Junction Temperature
TJ
40 to + 150
°C
Thermal Resistance, Junction to air
RTJA
180
C/W
Max Power Dissipation (@ TA=105 °C)
PD
250
mW
Peak Package Reflow Temperature During Reflow (3), (4)
TPPRT
Note 4.
°C
Notes
1.
The device is compatible with Specification: “Diagnosis System ISO9141”
2.
See the test Circuit (Figure 26). Transient test pulse according to ISO76371 and DIN 40839, highest test levels
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com