Electronic Components Datasheet Search
  English  ▼

X  

33199 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33199
Description  Automotive ISO 9141 Serial Link Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33199 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33199 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 18Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33199
TYPICAL APPLICATIONS
Figure 25. Typical Application with Several ECUs
Figure 26. Test Circuit for Transient Schaffner Pulses
Test pulses are directly applied to VS and via a capacitor of 1nF to DIA and L. The voltage VS is limited to -2V/38V by the
transient suppressor diode D1. Pulses can occor simultaneously or separately.
MCU
MC33199
E.C.U # 1
MCU
E.C.U # 2
CAR
+Vbat
L Line
K Line
Fig 6 : Typical application with several ECUs
CAR ISO DIAGNOSTIC CONNECTOR
SERVICE TESTER
checking system
End of Line
programmation or
manufacturer
or
Other ECUs
RPU
MC33199
+12V
I1
DIA
GND
VBAT
L
Schaffner
Generator
2x1nF
2x330pF
100nF
D2
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com