Electronic Components Datasheet Search
  English  ▼

X  

33199 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33199
Description  Automotive ISO 9141 Serial Link Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33199 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33199 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33199
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 18. RXD Pull-up Resistor versus Temperature
Figure 19. TXD and LO Saturation Voltage versus
Temperature
Figure 20. I1 Saturation Voltage versus Temperature
Figure 21. I1 Output DC Current versus Temperature
Figure 22. I1 Output Pulse Current versus VS Supply
Voltage
Figure 23. I1 Pulse Current Width versus Temperature
RXD
LO
I=40mA
I=2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com