Electronic Components Datasheet Search
  English  ▼

X  

33394 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33394
Description  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
33394
24
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
POWER
OAK
VBAT
GND
CANL
CANH
ICANL
ICANH
VDD3_3
VDDH
VIGN
VDDL
–
+
–
+
43
W
–2V
43
W
68
W
51
W
–2V
Figure 11. CAN Loss of Ground Test Circuit
Battery
16 V
Figure 12. CAN Loss of Battery Test Circuit
POWER
OAK
VBAT
GND
CANL
CANH
ICANL
ICANH
Battery
VDD3_3
VDDH
VIGN
VDDL
–
+
–
+
43
W
+6V
43
W
68
W
51
W
+6V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com