Electronic Components Datasheet Search
  English  ▼

X  

33394 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # 33394
Description  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
33394
38
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
Figure 23. 33394 Flyback Converter Provides Symmetrical Voltages
VBAT
VBAT
KA_VBAT
VIGN
VKAM
VKAM_FB
VSEN
REGON
WAKEUP
VREF1
VPP_EN
VPP
VDD3_3
VDD3_3FB
VDDL_X
VDDL_B
VDDL_FB
/PRERESET
/HRESET
/PORESET
CANRXD
CANTXD
SW1
SW1
SW1
BOOT
SW2G
GND
INV
VCOMP
VPRE
VPRE_S
VDDH
VREF2
VREF3
DO
SCLK
DI
CS
/SLEEP
HRT
CANH
CANL
GND
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
+
+
+
+
+
+
+
+
+
+
VDDH
VDDH
/PORESET
/HRESET
/PRERESET
VKAM
VPRE
VDDH = 5V @ 400mA
VREF2 = 5V @ 100mA
VREF3 = 5V @ 100mA
VREF1 = 5V @ 100mA
VPP = 5V @ 150mA
VKAM = 2.6V @ 60mA
VPRE = 5.6V
ON
OFF
Input voltage +10V to +26.5V
S1
VDDL = 2.6V @ 400mA
3.3V @ 120mA
C1
100
µF
C5
10nF
C6
10nF
C7
47
µF
C8
10nF
C9
1.0
µF
C16
10nF
C17
47
µF
C10
10nF
C11
47
µF
C12
10nF
C13
100
µF
R6 10k
R7 10k
R8 10k
C18
1.0
µF
C19
10nF
C15
10nF
C14
100
µF
C21
10nF
C20
1.0
µF
Ct
1.0
µF
Cf1
100pF
Cf2
1nF
Cf3
3.3nF
Cb
100nF
C2
100
µF
R4
22R
R3
20R
R2
22k
R1
20k
R5
4.7k
Q1
MJD31C
Rt
47k
Rf2
100k
Rf3
430R
D1
MBRS340T
+12V @ 100mA
+
+
–12V @ 100mA
C23
47
µF
C22
47
µF
D3
D3
T1
60R
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com