Electronic Components Datasheet Search
  English  ▼

X  

33394 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33394
Description  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
33394
10
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
3. ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ +125°C; +4.0 V ≤ VBAT ≤ +26.5 V using the 33394 typical application
circuit – see Figure 1, unless otherwise noted.)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS:
VKAM
VKAM Feedback Reference Voltage, pin VKAM_FB
Normal Mode (switcher running), IVKAM = 0 to –50mA
VKAMREF
1.242
1.267
1.292
V
VKAM Load Regulation, VBAT = 13.3 V; IVKAM = –0 to –50 mA
LoadRgVKAM
–1.6
0
%
VKAM Line Regulation, VBAT = 4.0 V to 26.5 V; IVKAM = –50 mA
LineRgVKAM
–0.8
0.8
%
VKAM Tracking to VDDL Voltage, VDDL – VKAM
VBAT = 4.0 V to 26.5 V; IVKAM = 0 to –50 mA, IVDDL = 0 to –400mA
VTVKAM
–1.6
0.8
%
VKAM Feedback Voltage — Power Down Mode
3.0 V
≤ Battery Voltage ≤ 26.5 V, IVKAM = –12 mA
VKAM
0.675
V
VKAM Reset Voltage (/PORESET)
Range of VKAM where Resets must remain asserted
VVKAM_HRST
0.5
VKAM
–5%
V
VKAM Output Current (Normal Mode), VBAT = 4.0 V to 26.5 V
IVKAM
–50
mA
VKAM Output Current (Sleep Mode and when VBAT
≤ 4.0 V)
IVKAM(sleep)
–12
mA
VKAM Short Circuit Current, VKAM = 0 V
ISC
–140
–50
mA
VKAM Feedback VKAM_FB Input Current, VKAM_FB = 5.0 V
IVKAM_FB
0
2.0
µA
VKAM Output Capacitance Required, Capacitor Initial Tolerance 10%
22
100
µF
VPP
VPP 5.0V Output Voltage (Default), IVPP = –150 mA
VPP5
4.86
5.0
5.12
V
VPP 3.3 V Output Voltage (Programmed by SPI)
IVPP = –150 mA
VPP3
3.22
3.3
3.38
V
VPP Load Regulation, VBAT = 13.3 V; IVPP = 0 to –150 mA
LoadRgVPP
–0.8
0.8
%
VPP Line Regulation, VBAT = 4.0 V to 26.5 V; IVPP = –150 mA
LineRgVPP
–0.4
0.4
%
VPP Tracking to VDDH Voltage, VDDH – VPP,
VBAT = 4.0 V to 26.5 V; IVPP = 0 to –150 mA;
IVDDH = 0 to –400 mA
VTVPP
–0.8
0.8
%
VPP Drop Out Voltage, VPRE — VPP (VPP set to default 5.0V)
IVPP = –150 mA; Decrease VBAT until VPP is out of specification
(less than 4.86 V)
VDOV
0.4
V
VPP Output Current, VBAT = 4.0 V to 26.5 V
IVPP
–150
mA
VPP Short Circuit Current, VPP = 0 V
ISC
–360
–165
mA
Thermal Shutdown Junction Temperature
(Note 1)
TSDIS
150
190
°C
Thermal Shutdown Hysteresis
(Note 1)
TSHYS
5.0
20
°C
NOTE:
1. Guaranteed by design but not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com