Electronic Components Datasheet Search
  English  ▼

X  

33886 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33886
Description  5.0 A H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33886 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33886
TYPICAL SWITCHING WAVEFORMS
Table 5. Truth Table
The tri-state conditions and the fault status are reset using D1 or D2. The truth table uses the following notations: L = Low,
H = High, X = High or Low, and Z = High impedance (all output power transistors are switched off).
Device State
Input Conditions
Fault Status
Flag
Output States
D1
D2
IN1
IN2
FS
OUT1
OUT2
Forward
L
H
H
L
H
H
L
Reverse
L
H
L
H
H
L
H
Freewheeling Low
L
H
L
L
H
L
L
Freewheeling High
L
H
H
H
H
H
H
Disable 1 (D1)
H
X
X
X
L
Z
Z
Disable 2 (D2)
X
L
X
X
L
Z
Z
IN1 Disconnected
L
H
Z
X
H
H
X
IN2 Disconnected
L
H
X
Z
H
X
H
D1 Disconnected
Z
X
X
X
L
Z
Z
D2 Disconnected
X
Z
X
X
L
Z
Z
Undervoltage (28)
X
X
X
X
L
Z
Z
Overtemperature (29)
X
X
X
X
L
Z
Z
Short Circuit (29)
X
X
X
X
L
Z
Z
Notes
28.
In the case of an undervoltage condition, the outputs tri-state and the fault status is set logic Low. Upon undervoltage recovery, fault
status is reset automatically or automatically cleared and the outputs are restored to their original operating condition.
29.
When a short circuit or overtemperature condition is detected, the power outputs are tri-state latched-OFF independent of the input
signals and the fault status flag is set logic Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com