Electronic Components Datasheet Search
  English  ▼

X  

33886 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33886
Description  5.0 A H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33886 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33886
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
H-BRIDGE OUTPUT 1, 2 (OUT1 AND OUT2)
These pins are the outputs of the H-Bridge with integrated
output FET body diodes. The bridge output is controlled using
the IN1, IN2, D1, and D2 inputs. The outputs have active
current limiting above 6.5 A. The outputs also have thermal
shutdown (tri-state latch-OFF) with hysteresis as well as
short circuit latch-OFF protection.
A disable timer (time tb) incorporated to detect currents
that are higher than active current limit is activated at each
output activation to facilitate detecting hard output short
conditions (see Figure 9, page 9).
CHARGE PUMP CAPACITOR (CCP)
Charge pump output pin. A filter capacitor (up to 33 nF)
can be connected from the CCP pin and PGND. The device
can operate without the external capacitor, although the CCP
capacitor helps to reduce noise and allows the device to
perform at maximum speed, timing, and PWM frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com