Electronic Components Datasheet Search
  English  ▼

X  

SE2425U Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part # SE2425U
Description  RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2425U Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  SE2425U Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SE2425U
RangeCharger
TM 2.4 GHz Bluetooth Power Amplifier IC
Preliminary Information
165-DST-01 Rev 1.3 Apr-05-2006
Confidential
3 of 10
QA040506
Absolute Maximum Ratings
Operation in excess of any one of above Absolute Maximum Ratings may result in permanent damage. This device is
ESD sensitive. Handling and assembly of this device should be at ESD protected workstations.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.3
+4.2
V
VEN
Enable Voltage
-0.3
VCC
V
IN
RF Input Power
-
0
dBm
TC
Case Temperature Range
-40
+85
°C
TSTG
Storage Temperature Range
-40
+150
°C
Tj
Maximum Junction Temperature
-
+150
°C
DC Electrical Characteristics
Conditions: VCC0 = VCC1 = VCC2 = VCC3 = 3.3 V, TC = 25
°C, f = 2.45 GHz, as measured on SiGe Semiconductor’s
SE2425U-EV1 evaluation board unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.3
3.6
V
Supply Current VMODE = Low, POUT = 20 dBm
-
110
-
mA
Supply Current VMODE = Low, No RF
-
28
-
mA
Supply Current VMODE = High, No RF
-
81
-
mA
ICC
Supply Current VMODE = High, POUT = 19.5 dBm
-
123
-
mA
IEN
Current sunk by EN pin (logic high)
-
-
1
µA
IMODE
Current sunk by MODE pin (logic high)
-
-
1
µA
Logic High Voltage
2.0
2.8
3.3
V
VLOGIC
Logic Low Voltage
0
-
0.8
V
Istdby
Leakage Current when VEN = VMODE = 0 V, No RF
-
1
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com